Part Number Hot Search : 
M12541DJ SL620 30F60 60309 E31J2 P9700A IPX0CW PE4200
Product Description
Full Text Search
 

To Download BU2615 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Audio ICs
PLL frequency synthesizer for tuners
BU2615S / BU2615FS
The BU2615 PLL frequency synthesizers work up through the FM band. Featuring low radiation noise, low power consumption, and highly sensitive built-in RF amps, they support an IF count function. FApplications Tuners (Mini components, radio cassette players, radio equipment, etc.) FFeatures 1) Built-in high-speed prescaler can divide 130MHzVCO. 2) Basic oscillation of 75kHz keeps unnecessary radiation noise to a low level. 3) Low current dissipation (during operation: 4mA, PLL OFF: 100A) 4) In addition to the standard FM and AM, also offers the following 7 frequencies: 25kHz, 12.5kHz, 6.25kHz, 3.125kHz, 5kHz, 3kHz, and 1kHz. FAbsolute maximum ratings (Ta = 25_C)
5) Counter for measurement of intermediate frequencies. 6) Unlock detection 7) Seven output ports (open drain). The BU2614, with three output ports, is also available. 8) Serial data input (CE, CK, DA)
FRecommended operating power supply voltage
125
Audio ICs
FBlock diagram
BU2615S / BU2615FS
FPin assignments
126
Audio ICs
FPin descriptions
BU2615S / BU2615FS
127
Audio ICs
FElectrical characteristics (unless otherwise noted, Ta = 25_C, VDD1 = VDD2 = 5.0V)
BU2615S / BU2615FS
128
Audio ICs
FExplanation of the data (1) Division data: For D0 through D15 (When S = 1, use D4 through D15.)
BU2615S / BU2615FS
(2)
(3)
(4)
CT: Frequency measurement beginning data 1: Beginning of measurement 0: Internal counter is reset, IFIN is pulldown. Output port control data: P0, P1, P2, P3, P4, P5, P6 1: Open drain output ON (P5 is LO) 0: Open drain output OFF (P5 is HI) R0, R1, R2, standard frequency data
(5) (6) (7) (8)
S: switch between FMIN and AMIN 0: FMIN 1: AMIN PS: If this bit is set to ON while AMIN is selected, swallow counter division is possible. CH: If this bit set to ON, output port P5 goes to phase comparison output. 0: P5 1: PD2 GT: Frequency measurement time and unlock detection ON / OFF
(9)
TS: Test data. Input(0).
129
Audio ICs
FInput data format
BU2615S / BU2615FS
130
Audio ICs
FFrequency counter (1) Structure
BU2615S / BU2615FS
(2) How the frequency counter operates When control data CT equals 1, the 20-bit counter and the amp go into operation. When CT equals 0, input pulldown and the counter are reset. Measuring time (gate pulse) is selected (16ms / 32ms) on the basis of control data GT. When control data CT equals 0, the counter is reset. (3) Explanation of output data D0: LSB D19: MSB How the unlock detection circuit operates When control data GT equals 1, or CT equals 1, the unlock detection circuit goes into operation for 8ms. When CT equals 1, the unlock detection circuits stops operating before the frequency counter gate pulse is emitted. When CT equals 0, or GT equals 0, the unlock detection circuit is reset.
Explanation of output data
131
Audio ICs
FHow the frequency counter and unlock detection circuit operate (1) When CT = 1: Frequency count and unlock detection are carried out.
BU2615S / BU2615FS
(2) When CT = 0 and GT = 1: Only unlock detection is carried out.
FExplanation of CD terminal When frequency measurement or unlock detection is finished, the CD terminal goes to LO to indicate that the count and unlock detection have finished. It also synchronizes with CK to output counter data. When the next data is input, it goes to HI.
132
Audio ICs
FExternal dimensions (Units: mm)
BU2615S / BU2615FS
133


▲Up To Search▲   

 
Price & Availability of BU2615

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X